Part Number Hot Search : 
04008 CVA2415T 150MC F54709 P89C54X2 1S120 CEE156 SA110
Product Description
Full Text Search
 

To Download UPR1A332MHH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cat.8100p aluminum electrolytic capacitors pr series standard, for switching power supplies same case sizes as vx series, but operating at higher temperature range up to + 105?c. designed specifically for use in switching power supplies. pr high rippie current high reliablity pf,pj,ps radial lead type specifications type numbering system (example : 10v 330 m f) category temperature range rated voltage range rated capacitance range capacitance tolerance leakage current tan d stability at low temperature endurance shelf life marking performance characteristics item ?55 ~ + 105?c(6.3 ~ 100v), ?40 ~ + 105?c(160 ~ 400v),?25 ~ + 105?c(450v) 6.3 ~ 450v 0.47 ~ 22000 m f 20% at 120hz,20?c printed with white color letter on dark brown sleeve. after leaving capacitors under no load at 105?c for 1000 hours, they meet the specified value for endurance characteristics listed above. rated voltage(v) tan d (max.) 6.3 0.26 10 0.22 16 0.18 25 0.16 35 0.13 50 0.10 63 0.09 100 0.08 160 ~ 250 0.15 315 ?350 0.20 400 ?450 0.25 for capacitance of more than 1000 m f , add 0.02 for every increase of 1000 m f . measurement frequency : 120hz, temperature : 20 ?c after an application of d.c. bias voltage plus the rated ripple current for 2000 hours(1000 hours for d=8 or less)at 105?c the peak voltage shall not exceed the rated d.c. voltage, capacitors meet the characteristics requirements listed at right. rated voltage(v) 6.3 ~ 100 160 ~ 450 leakage current after 1 minute's application of rated voltage, leakage current is not more than 0.03cv or 4( m a), whichever is greater. after 2 minutes' application of rated voltage, leakage current is not more than 0.01cv or 3( m a), whichever is greater. cv 1000: i =0.1cv + 40( m a)max. (1 minute's) cv>1000: i =0.04cv + 100( m a)max. (1 minute's) z?25?c/ z + 20?c z?40?c/ z + 20?c rated voltage(v) impedance ratio zt/z20(max.) 6.3 4 8 10 3 6 16 2 4 25 ~ 100 2 160 ?200 3 4 250 3 6 315 ?350 4 8 400 6 10 450 15 u 1 p 2 r 3 1 4 a 5 3 6 3 7 1 8 m 9 p 10 h 11 12 configuration case size code capacitance tolerance( 20%) rated capacitance(330 m f) rated voltage(10v) series name type f d code 5 6.3 dh eh 8 10 ph 12.5 ~ 18 hh 20 rh pressure relief vent 15 min 4 min ( f 6.3up) p 0.5 l + max f d +0.5 max sleeve(p.v.c.) f d tinned cp wire measurement frequency : 120hz p 5 2.0 0.5 6.3 2.5 0.5 8 3.5 0.6 10 5.0 0.6 12.5 5.0 0.6 16 7.5 0.8 18 7.5 10.0 20 1.0 0.8 f d f d (l<20) 1.5 (l 20) 2.0 dimension table in next page. leakage current tan d capacitance change initial specified value or less 200% or less of initial specified value within 20% of initial value please refer to page 18, 19, 20 about the formed or taped product spec. please refer to page 3 for the minimum order quantity. (throygh 100v only) this series will be discontinued in 2002, and combine with ps series.
cat.8100p pr series aluminum electrolytic capacitors standard ratings size 20 31 is available for capacitors marked. " " size 20 35 is available for capacitors marked. " " in this case, will be put at 12th digit of type numbering system. 6 frequency coefficient of rated ripple current case size : d l(mm) max. impedance : ( w ) at 20?c 100khz rated ripple : (ma)at 105?c 120hz rated ripple(ma rms)at 105?c 120hz 5 11 5 11 5 11 5 11 6.3 11 . 6.3 11 . 8 11.5 10 12.5 12.5 20 12.5 20 16 25 16 25 16 31.5 18 35.5 20 40 2.40 0 2.30 0 2.10 0 1.90 0 0.67 0 0.48 0 0.31 0 0.22 0 0.096 0.090 0.061 0.056 0.051 0.039 0.030 00 34 00 50 00 65 0 100 0 165 0 200 0 280 0 470 0 930 1100 1320 1490 1830 2280 2860 5 11 5 11 5 11 5 11 6.3 11 8 11.5 8 11.5 10 16 12.5 20 12.5 25 16 25 16 31.5 18 35.5 18 40 00 45 00 60 00 75 0 110 0 180 0 255 0 305 0 570 1010 1220 1410 1610 1980 2470 5 11 5 11 5 11 5 11 6.3 11 8 11.5 8 11.5 10 12.5 10 20 12.5 25 16 25 16 31.5 18 35.5 18 40 2.80 0 2.40 0 2.30 0 1.80 0 0.80 0 0.36 0 0.32 0 0.20 0 0.12 0 0.067 0.052 0.045 0.040 0.035 00 35 00 55 00 70 00 85 0 135 0 235 0 285 0 395 0 700 1150 1350 1560 1750 2170 5 11 5 11 5 11 5 11 5 11 6.3 11 8 11.5 10 12.5 10 16 12.5 20 16 25 16 31.5 18 35.5 20 40 00 24 00 39 00 60 00 75 00 90 0 145 0 250 0 355 0 470 0 855 1230 1450 1660 2070 case size 4r7 100 220 330 470 101 221 331 471 102 222 332 472 682 103 153 223 impedance rated ripple case size 2.40 0 2.30 0 2.10 0 1.80 0 0.58 0 0.36 0 0.26 0 0.14 0 0.090 0.074 0.054 0.046 0.038 0.033 impedance rated ripple case size impedance rated ripple case size 5.00 0 2.80 0 2.40 0 2.20 0 1.60 0 0.62 0 0.35 0 0.22 0 0.16 0 0.10 0 0.053 0.045 0.040 0.030 impedance rated ripple 6.3(0j) 10(1a) 16(1c) 25(1e) 0000. 4.7 00 10 00 22 00 33 00 47 0 100 0 220 0 330 0 470 1000 2200 3300 4700 6800 10000 0 15000 0 22000 0 5 11 5 11 5 11 5 11 6.3 11 8 11.5 10 12.5 10 16 10 20 12.5 25 16 31.5 18 35.5 18 40 5.00 0 2.80 0 2.30 0 1.90 0 1.00 0 0.50 0 0.24 6 0.20 0 0.12 1 0.067 0.044 0.038 0.033 00 27 01 44 01 65 02 85 0 115 0 190 0 325 1 440 1 580 1 995 1450 1660 2030 5 11 5 11 5 11 5 11 5 11 5 11 5 11 6.3 11 6.3 11 8 11.5 10 16 10 20 12.5 20 16 25 18 35.5 20 40 000 7 00 12 00 18 00 25 00 30 00 50 01 75 0 105 0 125 0 210 0 400 1 535 1 730 1110 1530 1950 5 11 5 11 6.3 11 6.3 11 8 11.5 10 12.5 10 20 12.5 20 12.5 25 16 31.5 18 40 4.70 0 2.10 0 0.98 0 0.71 0 0.65 0 0.31 0 0.20 0 0.12 0 0.081 0.049 0.032 00 34 00 55 01 90 0 110 0 155 0 260 0 465 0 650 0 800 1200 1840 5 11 5 11 5 11 5 11 5 11 6.3 11 . 8 11.5 10 12.5 10 16 12.5 20 16 25 16 25 16 31.5 18 40 00 10 00 15 00 22 00 29 00 37 00 65 0 115 0 160 0 210 0 385 0 590 0 720 0 875 1320 case size r47 010 2r2 3r3 4r7 100 220 330 470 101 221 331 471 102 222 332 472 impedance rated ripple case size 47.0 0 22.0 0 10.0 0 0 6.70 0 4.70 0 2.20 0 1.90 0 0.84 0 0.80 0 0.45 0 0.21 0 0.19 0 0.10 00 0.053 00 0.037 00 0.028 impedance rated ripple case size impedance rated ripple case size 43.0 000 20.0 000 0 9.80 00 0 6.60 00 0 4.60 00 0 1.80 00 0 0.68 00 0 0.46 00 0 0.37 00 0 0.18 00 0 0.10 00 0 0.090 0 0.076 0.047 impedance rated ripple 35(1v) 50(1h) 63(1j) 100(2a) 00 0.47 1 00 2.2 00 3.3 00 4.7 0 10 0 0 22 0 0 33 0 0 47 0 100 0 220 0 330 0 470 0 1000 0 2200 0 3300 0 4700 0 6.3 11 6.3 11 6.3 11 8 11.5 8 11.5 10 12.5 10 20 12.5 20 12.5 25 16 25 18 35.5 12 17 25 36 43 70 130 180 220 330 500 12 17 25 36 50 80 140 190 220 335 515 12 17 29 42 50 88 155 190 230 340 525 11 16 28 34 45 72 120 155 190 285 11 17 31 38 49 82 130 160 200 290 16 27 36 43 72 110 140 170 18 29 41 49 75 115 145 175 rated ripple 6.3 11 6.3 11 6.3 11 8 11.5 10 12.5 10 16 10 20 12.5 25 12.5 25 16 31.5 18 40 6.3 11 6.3 11 8 11.5 10 12.5 10 12.5 10 20 12.5 25 12.5 25 16 25 18 35.5 20 40 8 11.5 10 12.5 10 16 10 16 10 20 12.5 20 16 25 16 31.5 18 35.5 20 40 10 12.5 10 16 10 20 10 20 12.5 25 16 25 16 31.5 18 35.5 10 12.5 10 20 12.5 20 12.5 20 16 25 16 31.5 18 35.5 20 40 case size 2 c r47 010 2r2 3r3 4r7 100 220 330 470 101 221 2 d 2 e 8 11.5 8 11.5 10 12.5 10 12.5 10 16 10 20 12.5 25 16 25 16 35.5 18 40 2 f 2 v 2 g 2 w 160 200 250 315 350 400 450 cap.( m f) code v 00 0.47 1 00 2.2 00 3.3 00 4.7 0 10 0 0 22 0 0 33 0 0 47 0 100 0 220 0 v 0 ~ 47 0.75 100 ~ 470 0 1000 ~ 22000 0.47 ~ 220 00 50hz 0.80 0.85 0.80 1.00 120hz 1.00 1.00 1.00 1.35 300hz 1.23 1.10 1.25 1.57 1khz 1.34 1.13 1.40 2.00 10khz ~ 1.50 1.15 1.60 6.3 ~ 100 160 ~ 450 cap.( m f) cap.( m f) code item v(code) cap.( m f) code item v(code) frequency


▲Up To Search▲   

 
Price & Availability of UPR1A332MHH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X